Part Number Hot Search : 
20121 AT80C5 LU101 E5561 CY28401 M5464 SB4060PT AS132
Product Description
Full Text Search
 

To Download VG-4231CE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 December 20, 2005 Epson Toyocom Announces Smallest-Class VCXO for Mobile Handsets with Support for Terrestrial Digital Broadcasts Epson Toyocom Corporation has announced that it is preparing to release a new series of voltage-controlled X'tal (crystal) oscillators (VCXO) that support mobile handsets capable of receiving terrestrial digital TV broadcasts. Measuring just 3.2 x 2.5 mm, the VG-4231CE Series will be among the smallest-footprint crystal solutions in the industry yet will offer frequency control characteristics equivalent to their predecessors. This will allow them to meet the ongoing demand for miniaturization while also easily handling the complicated timing of high-quality image recording signals. Samples will begin shipping in February 2006. Demand is rising for VCXOs that are small yet offer good characteristics, especially in burgeoning applications such as tuners for receiving one-segment digital multimedia broadcasting (DMB) services that deliver terrestrial digital TV broadcasts to mobile handsets. Other applications include applications as clocks for controlling the timing of video signals, which have become increasingly complicated due to the advent of high-quality image recording as so forth. In response to these needs, the VG-4231CE Series, despite a package that is among the smallest in the industry (3.2 x 2.5 x 1.2 mm), offers a frequency control range of 100 x 10-6 or better. In addition, circuit design is facilitated by providing 1 M or more of voltage controlled input resistance. The new VCXOs will be available in supply voltages of 2.8 V and 3.3 V. Main specifications Parameter Supply voltage Control voltage Output frequency Frequency tolerance / Temperature range Frequency control range Input resistance Current consumption VG-4231CE ***M Specifications DNBM/GNBM DNCM/GNCM 2.8 V 0.2 V 3.3 V 0.3 V 1.4 V 1.4 V 1.65 V 1.65 V 27 MHz 35 x 10-6 (-20 C to +70 C) 50 x 10-6 (-40 C to +85 C) 100 x 10-6 Min. 1 M Min. 1.8 mA Typ. (3.3 V) Remark
Vc pin D**M G**M DC level No load


▲Up To Search▲   

 
Price & Availability of VG-4231CE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X